Part Number Hot Search : 
2SD2240R BCR191W EL3H7 DMC60C52 C339G 5DLCA 2N6490 2N498
Product Description
Full Text Search
 

To Download 2578102530 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wiecon wiecon 353 1 ?12 (100 x) 13 ?24 (100 x) 1 1 10 04.007.4089.0 04.007.4189.0 z5.553.2921.0 1 1 10 04.007.4089.0 04.007.4189.0 z5.553.2921.0 no. 22/30 12 awg no. 22 12 awg no. 22/30 12 awg no. 22 12 awg 100 100 50 50 50 50 50 50 50 50 50 50 50 50 50 25.780.0253.0 25.780.0353.0 25.780.0453.0 25.780.0553.0 25.780.0653.0 25.780.0753.0 25.780.0853.0 25.780.0953.0 25.780.1053.0 25.780.1153.0 25.780.1253.0 25.780.1353.0 25.780.1453.0 25.780.1553.0 25.780.1653.0 8158 top v 8158 top v 8158 top v 8158 top v 8158 top v 8158 top v 8158 top v 8158 top v 8158 top v 8158 top v 8158 top v 8158 top v 8158 top v 8158 top v 8158 top v 100 100 50 50 50 50 50 50 50 50 50 50 50 50 50 25.790.0253.0 25.790.0353.0 25.790.0453.0 25.790.0553.0 25.790.0653.0 25.790.0753.0 25.790.0853.0 25.790.0953.0 25.790.1053.0 25.790.1153.0 25.790.1253.0 25.790.1353.0 25.790.1453.0 25.790.1553.0 25.790.1653.0 8158 top h 8158 top h 8158 top h 8158 top h 8158 top h 8158 top h 8158 top h 8158 top h 8158 top h 8158 top h 8158 top h 8158 top h 8158 top h 8158 top h 8158 top h 100 100 50 50 50 50 50 50 50 50 50 50 50 50 50 25.781.0253.0 25.781.0353.0 25.781.0453.0 25.781.0553.0 25.781.0653.0 25.781.0753.0 25.781.0853.0 25.781.0953.0 25.781.1053.0 25.781.1153.0 25.781.1253.0 25.781.1353.0 25.781.1453.0 25.781.1553.0 25.781.1653.0 8258 top v 8258 top v 8258 top v 8258 top v 8258 top v 8258 top v 8258 top v 8258 top v 8258 top v 8258 top v 8258 top v 8258 top v 8258 top v 8258 top v 8258 top v 100 100 50 50 50 50 50 50 50 50 50 50 50 50 50 25.791.0253.0 25.791.0353.0 25.791.0453.0 25.791.0553.0 25.791.0653.0 25.791.0753.0 25.791.0853.0 25.791.0953.0 25.791.1053.0 25.791.1153.0 25.791.1253.0 25.791.1353.0 25.791.1453.0 25.791.1553.0 25.791.1653.0 8258 top h 8258 top h 8258 top h 8258 top h 8258 top h 8258 top h 8258 top h 8258 top h 8258 top h 8258 top h 8258 top h 8258 top h 8258 top h 8258 top h 8258 top h 9 9 pc board connector, spring clamp connection spacing: 5.00/5.08 mm adhesive marking strips marking upon request test plug 2pole 3pole 4pole 5pole 6pole 7pole 8pole 9pole 10pole 11pole 12pole 13pole 14pole 15pole further pole numbers upon request 16pole type part no. std. pack type part no. std. pack rated voltages vde 0110 ul ratings field/factory wiring csa ratings ?pending approvals (ul + csa pending) type 8158 top v 8258 top v wire vertical to pc board type 8158 top h 8258 top h wire horizontal to pc board spacing: 5.00 mm rated cross section: 2.5 mm 2 rated current: 16 a connection range: 0.14 4.0 mm 2 solid/ 0.14 2.5 mm 2 fine stranded 250 v/4 kv/3 ?overvoltage category iii *690 v/4 kv/2 ?overvoltage category ii 1000 v/4 kv/1 ?overvoltage category i material: insulating housing: pa 66/6 gray, ul 94-v-0 clamping body: spring clamp contact clips with solder pin: tin-plated e copper * max. 600 v for ungrounded networks or expected overvoltage 4 kv 2pole 3pole 4pole 5pole 6pole 7pole 8pole 9pole 10pole 11pole 12pole 13pole 14pole 15pole further pole numbers upon request 16pole spacing: 5.08 mm accessories solder pin 0.5 x 1.15 mm bore hole 1.3 mm solder pin 0.5 x 1.15 mm bore hole 1.3 mm


▲Up To Search▲   

 
Price & Availability of 2578102530

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X